Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 171 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 171 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 167Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 168Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 169Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 170Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 171Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 172Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 173Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 174Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 6-58. OSD Register Descriptions (continued)
0x01C7 26B8
W0BMPCD
Window 0 Bitmap Value to Palette Map C/D
0x01C7 26BC
W0BMPEF
Window 0 Bitmap Value to Palette Map E/F
0x01C7 26C0
W1BMP01
Window 1 Bitmap Value to Palette Map 0/1
0x01C7 26C4
W1BMP23
Window 1 Bitmap Value to Palette Map 2/3
0x01C7 26C8
W1BMP45
Window 1 Bitmap Value to Palette Map 4/5
0x01C7 26CC
W1BMP67
Window 1 Bitmap Value to Palette Map 6/7
0x01C7 26D0
W1BMP89
Window 1 Bitmap Value to Palette Map 8/9
0x01C7 26D4
W1BMPAB
Window 1 Bitmap Value to Palette Map A/B
0x01C7 26D8
W1BMPCD
Window 1 Bitmap Value to Palette Map C/D
0x01C7 26DC
W1BMPEF
Window 1 Bitmap Value to Palette Map E/F
0x01C7 26E0
-
Reserved
0x01C7 26E4
RSV5
Reserved
0x01C7 26E8
MISCCTL
Miscellaneous Control
0x01C7 26EC
CLUTRAMYCB
CLUT RAMYCB Setup
0x01C7 26F0
CLUTRAMCR
CLUT RAM Setup
0x01C7 26F4
TRANSPVAL
CLUT RAM Setup
0x01C7 26F8
RSV6
Reserved
0x01C7 26FC
PPVWIN0ADR
Ping-Pong Video Window 0 Address
6.13.2.2 Video Encoder (VENC)
Analog/DACs interface of the Video Encoder (VENC) supports the following features.
•
Master Clock Input - 27MHz (x2 Upsampling)
•
SDTV Support
–
Composite NTSC-M, PAL-B/D/G/H/I
–
S-Video (Y/C)
–
Component YPbPr (SMPTE/EBU N10, Betacam, MII)
–
RGB
–
Non-Interlace
–
CGMS/WSS
–
Line 21 Closed Caption Data Encoding
–
Chroma Low Pass Filter 1.5MHz/3MHz
–
Programmable SC-H phase
•
HDTV Support
–
Progressive Output (525p/625p)
–
Component YPbPr
–
RGB
–
CGMS/WSS
•
4 10-bit Over-Sampling D/A Converters
•
Optional 7.5% Pedestal
•
16-235/0-255 Input Amplitude Selectable
•
Programmable Luma Delay
•
Master/Slave Operation
•
Internal Color Bar Generation (100%/75%)
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
171
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com