Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 175 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 175 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 171Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 172Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 173Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 174Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 175Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 176Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 177Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 178Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 179Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 227 page
background image
PCLK
(Positive Edge Clocking)
9
PCLK
(Negative Edge Clocking)
10
VCTL(A)
A. VCTL = HSYNC and VSYNC
VPBECLK
27
28
33
34
35
36
LCD_FIELD
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 6-61. Timing Requirements for VPBE Control Input With Respect to PCLK and VPBECLK(1) (see
Figure 6-51)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
9
tsu(VCTLV-PCLK)
Setup time, VCTL valid before PCLK edge
2
ns
10
th(PCLK-VCTLV)
Hold time, VCTL valid after PCLK edge
0.5
ns
27
tsu(VCTLV-VPBECLK)
Setup time, VCTL valid before VPBECLK rising edge
2
ns
28
th(VPBECLK-VCTLV)
Hold time, VCTL valid after VPBECLK rising edge
0.5
ns
33
tsu(FIELD-PCLK)
Setup time, LCD_FIELD valid before PCLK edge
5P(2)
ns
34
th(PCLK-FIELD)
Hold time, LCD_FIELD valid after PCLK edge
5P(2)
ns
35
tsu(FIELD-VPBECLK)
Setup time, LCD_FIELD valid before VPBECLK edge
5P(2)
ns
36
th(VPBECLK-FIELD)
Hold time, LCD_FIELD valid after VPBECLK edge
5P(2)
ns
(1)
PCLK may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode, the rising
edge of PCLK is referenced. When in negative edge clocking mode, the falling edge of PCLK is referenced.
(2)
P = 1/(VCLKIN clock frequency) in ns. VCLKIN is either PCLK or VPBECLK, whichever is used.
Figure 6-51. VPBE Input Timing With Respect to PCLK and VPBECLK
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
175
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com