Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 172 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 168Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 169Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 170Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 171Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 172Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 173Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 174Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 175Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
The Digital LCD Controller (DLCD) of the VENC supports the following features.
•
Programmable DCLK
•
Various Output Formats
–
YCbCr 16bit
–
YCbCr 8bit
–
ITU-R BT. 656
–
Parallel RGB 24bit
•
Low Pass Filter for Digital RGB Output
•
Programmable Timing Generator
•
Master/Slave Operation
•
Internal Color Bar Generation (100%/75%)
The VENC register memory mapping including the Digital LCD and DACs is shown in Table 6-59.
Table 6-59. VENC (Including Digital LCD and DACs) Register Descriptions
ADDRESS
REGISTER
DESCRIPTION
0x01C7 2400
VMOD
Video Mode
0x01C7 2404
VIDCTL
Video Interface I/O Control
0x01C7 2408
VDPRO
Video Data Processing
0x01C7 240C
SYNCCTL
Sync Control
0x01C7 2410
HSPLS
Horizontal Sync Pulse Width
0x01C7 2414
VSPLS
Vertical Sync Pulse Width
0x01C7 2418
HINT
Horizontal Interval
0x01C7 241C
HSTART
Horizontal Valid Data Start Position
0x01C7 2420
HVALID
Horizontal Data Valid Range
0x01C7 2424
VINT
Vertical Interval
0x01C7 2428
VSTART
Vertical Valid Data Start Position
0x01C7 242C
VVALID
Vertical Data Valid Range
0x01C7 2430
HSDLY
Horizontal Sync Delay
0x01C7 2434
VSDLY
Vertical Sync Delay
0x01C7 2438
YCCTL
YCbCr Control
0x01C7 243C
RGBCTL
RGB Control
0x01C7 2440
RGBCLP
RGB Level Clipping
0x01C7 2444
LINECTL
Line ID Control
0x01C7 2448
CULLLINE
Culling Line Control
0x01C7 244C
LCDOUT
LCD Output Signal Control
0x01C7 2450
BRTS
Brightness Start Position Signal Control
0x01C7 2454
BRTW
Brightness Width Signal Control
0x01C7 2458
ACCTL
LCD_AC Signal Control
0x01C7 245C
PWMP
PWM Start Position Signal Control
0x01C7 2460
PWMW
PWM Width Signal Control
0x01C7 2464
DCLKCTL
DCLK Control
0x01C7 2468
DCLKPTN0
DCLK Pattern 0
0x01C7 246C
DCLKPTN1
DCLK Pattern 1
0x01C7 2470
DCLKPTN2
DCLK Pattern 2
0x01C7 2474
DCLKPTN3
DCLK Pattern 3
0x01C7 2478
DCLKPTN0A
DCLK Auxiliary Pattern 0
0x01C7 247C
DCLKPTN1A
DCLK Auxiliary Pattern 1
0x01C7 2480
DCLKPTN2A
DCLK Auxiliary Pattern 2
172
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com