Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 105Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 106Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 107Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 108Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 109Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 110Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 111Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 112Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Electrical characteristics
109/136
Figure 49.
Typical IPU vs. VDD with VIN=VSSl
12.8.2
Output driving current characteristics
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
0
10
20
30
40
50
60
70
80
90
VDD [V]
-45°C
25°C
90°C
Table 64.
Output driving current characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
Output low level voltage for PA3/RESET standard
I/O pin (see Figure 52)
IIO= +5 mA,TA≤ 125 °C
1200
mV
IIO = +2 mA,TA≤ 125 °C
400
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time (see Figure 55)
IIO=+20 mA,TA≤ 125 °C
1300
IIO = +8 mA,TA≤ 125 °C
750
VOH
(2)
Output high level voltage for an I/O pin when 4 pins
are sourced at same time (see Figure 58)
IIO= -5 mA,TA≤ 125 °C
VDD-1500
IIO = -2 mA,TA≤ 125 °C
VDD-800
VOL
(1)(3)
Output low level voltage for PA3/RESET standard
I/O pin (see Figure 51)
IIO = +2 mA,TA≤ 125 °C
500
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time (see Figure 54)
IIO = +2 mA,TA≤ 125 °C
180
IIO = +8 mA,TA≤ 125 °C
600
VOH
(2)(3)
Output high level voltage for an I/O pin when 4 pins
are sourced at same time (see Figure 57)
IIO = -2 mA,TA≤ 125 °C
VDD-800
VOL
(1)(3)
Output low level voltage for PA3/RESET standard
I/O pin (see Figure 53)
IIO = +2 mA,TA≤ 125 °C
700
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time (see Figure 53)
IIO = +2 mA,TA≤ 125 °C
200
IIO=+8 mA,TA≤ 125 °C
800
VOH
(2)(3)
Output high level voltage for an I/O pin when 4 pins
are sourced at same time (see Figure 56)
IIO=-2 mA,TA≤ 125 °C
VDD-900
1.
The IIO current sunk must always respect the absolute maximum rating specified in Table 52 and the sum of IIO (I/O ports and control pins)
must not exceed IVSS.
2.
The IIO current sourced must always respect the absolute maximum rating specified in Table 52 and the sum of IIO (I/O ports and control pins)
must not exceed IVDD. True open drain I/O pins do not have VOH.
3.
Not tested in production, based on characterization results.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com