Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 108Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 109Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 110Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 111Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 112Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 113Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 114Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 115Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST7LITEUS2, ST7LITEUS5
112/136
Figure 56.
Typical VDD-VOH at VDD = 2.4 V (HS pins)
Figure 57.
Typical VDD-VOH at VDD = 3 V (HS pins)
Figure 58.
Typical VDD-VOH at VDD = 5 V (HS pins)
0
200
400
600
800
1000
1200
1400
1600
1800
02
46
8
10
12
Iol [mA]
-45°C
25°C
90°C
130°C
0
200
400
600
800
1000
1200
1400
1600
1800
0
2
4
6
8
10
12
14
16
18
Iol [mA]
-45°C
25°C
90°C
130°C
0
100
200
300
400
500
600
700
800
900
1000
0
2
4
6
8
1012
14
1618
20
Iol [mA]
-45°C
25°C
90°C
130°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com