Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 109Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 110Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 111Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 112Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 113Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 114Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 115Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 116Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Electrical characteristics
113/136
Figure 59.
Typical VOL vs. VDD (HS pins)
Figure 60.
Typical VDD-VOH vs. VDD (HS pins)
12.9
Control pin characteristics
The reset network protects the device against parasitic resets.
The output of the external reset circuit must have an open-drain output to drive the ST7
reset pad. Otherwise the device can be damaged when the ST7 generates an internal reset
(LVD or watchdog).
Whatever the reset source is (internal or external), the user must ensure that the level on the
RESET pin can go below the VIL max. level specified in Table 65. Otherwise the reset will
not be taken into account internally.
Because the reset circuit is designed to allow the internal reset to be output in the RESET
pin, the user must ensure that the current sunk on the RESET pin is less than the absolute
maximum value specified for IINJ(RESET) in Table 44.
Refer to Figure 61 and Figure 62 for a description of the RESET pin protection circuit with
LVD enabled and disabled.
40
50
60
70
80
90
100
2.4
2.6 2.8
3
3.2
3.4 3.6
3.8
4
4.2 4.4
4.6
4.8
5
5.2
5.4
5.6 5.8
6
Vdd [V]
-45°C
25°C
90°C
130°C
100
150
200
250
300
350
400
450
500
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
Vdd [V]
-45°C
25°C
90°C
130°C
200
300
400
500
600
700
800
900
2.4
2.6 2.8
3
3.2
3.4
3.6 3.8
4
4.2
4.4
4.6 4.8
5
5.2
5.4
5.6 5.8
6
Vdd [V]
-45°C
25°C
90°C
130°C
40
60
80
100
120
140
160
180
200
2.4 2.6
2.8
3
3.2 3.4
3.6 3.8
4
4.2 4.4
4.6 4.8
5
5.2
5.4 5.6
5.8
6
Vdd [V]
-45°C
25°C
90°C
130°C
100
200
300
400
500
600
700
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
Vdd [V]
-45°C
25°C
90°C
130°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com