Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 104 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 104 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 100Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 101Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 102Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 103Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 104Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 105Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 106Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 107Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 108Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 171 page
background image
Rev. 1.60
104
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
LCD Control Register
LCDC0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
LCDE�
TYPE
DTYC
BIAS
—
RSEL�
RSEL1
RSEL0
R/W
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
POR
0
0
0
0
—
0
0
0
Bit7
LCDEN:LCDenable/disablecontrol
0:Disable
1:Enable
NotethattheLCDdriverandA/Dconvertershouldnotbeenabledsimultaneously
whentheLCDoutputandA/Dchannelaresharedwiththesamepin.
Bit6
TYPE:LCDWaveformTypeselection
0:TypeA
1:TypeB
Bit5
DTYC:DefineLCDDuty
0:1/4Duty(LCDCOM:COM0~COM3)
1:1/8Duty(LCDCOM:COM0~COM7)
Note:IfDTYC=1,thenCOM4~COM7pinswillbeconfiguredasLCDCOM.
IfDTYC=0,thenCOM4~COM7pinswillbeconfiguredasI/O.
Bit4
BIAS:DefineLCDBias
0:1/3Bias
1:1/4Bias
Bit3
Unimplemented,readas“0”
Bit2~0
RSEL2~RSEL0:TotalBiasResistorRTselection
000:1170K
001:225K
010:60K
011:QuickChargingMode,switchbetween60Kand1170K.
1xx:QuickChargingMode,switchbetween60Kand225K.
Note:Thebiasresistorfor1/3biasisRT/3,1/4biasisRT/4.
ThedevicesprovidelowpowerquickchargingmodeforLCDdisplay.Inquickchargingmode,
theLCDwillprovideLCDbiascurrentbyRT=60K,atbeginningofLCDdisplayrefreshes(i.e
themomentonLCDCOMchanges).Afterquickchargingtime,thebiasresistorwillchangeto
225K/1170K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com