Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 105 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 105 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 101Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 102Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 103Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 104Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 105Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 106Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 107Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 108Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 109Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 171 page
background image
Rev. 1.60
105
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
LCDC1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
QCT�
QCT1
QCT0
—
VLCD3
VLCD�
VLCD1
VLCD0
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
POR
0
0
0
—
0
0
0
0
Bit7
QCT2~QCT0:Quickchargingtimeselection
000:1×tSUB
001:2×tSUB
010:3×tSUB
011:4×tSUB
100:5×tSUB
101:6×tSUB
110:7×tSUB
111:8×tSUB
tSUB=1/fSUB
Bit6~4
Unimplemented,readas"0"
Bit3~0
VLCD3~VLCD0:VLCDselection
0000:8/16×VDD
0001:9/16×VDD
0010:10/16×VDD
0011:11/16×VDD
0100:12/16×VDD
0101:13/16×VDD
0110:14/16×VDD
0111:15/16×VDD
1000~1111:16/16×VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com