Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 106 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 106 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 102Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 103Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 104Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 105Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 106Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 107Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 108Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 109Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 110Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 171 page
background image
Rev. 1.60
106
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
SEGCR0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
SEG7C
SEG6C
SEG5C
SEG4C
SEG3C
SEG�C
SEG1C
SEG0C
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
SEG7C:SelectSEG7orPD7
0:SEG7
1:PD7
Bit6
SEG6C:SelectSEG6orPD6
0:SEG6
1:PD6
Bit5
SEG5C:SelectSEG5orPD5
0:SEG5
1:PD5
Bit4
SEG4C:SelectSEG4orPD4
0:SEG4
1:PD4
Bit3
SEG3C:SelectSEG3orPD3
0:SEG3
1:PD3
Bit2
SEG2C:SelectSEG2orPD2
0:SEG2
1:PD2
Bit1
SEG1C:SelectSEG1orPD1
0:SEG1
1:PD1
Bit0
SEG0C:SelectSEG0orPD0
0:SEG0
1:PD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com