Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 21Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 22Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 23Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 24Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 25Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 26Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 27Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 28Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 25
PIC12CE67X
5.0
I/O PORT
As with any other register, the I/O register can be
written and read under program control. However,
read instructions (e.g., MOVF GPIO,W) always read the
I/O pins independent of the pin’s input/output modes.
On RESET, all I/O ports are defined as input (inputs
are at hi-impedance) since the I/O control registers are
all set.
5.1
GPIO
GPIO is an 8-bit I/O register. Only the low order 6 bits
are used (GP5:GP0). Bits 6 and 7 (SDA and SCL) are
used by the EEPROM peripheral. Refer to Section 6.0
and Appendix A for use of SDA and SCL. Please note
that GP3 is an input only pin. The configuration word
can set several I/O’s to alternate functions. When
acting as alternate functions the pins will read as ‘0’
during port read. Pins GP0, GP1, and GP3 can be
configured with weak pull-ups and also with interrupt
on change. The interrupt on change and weak pull-up
functions are not pin selectable. If pin 4 is configured
as MCLR, the weak pull-up is always on. Interrupt on
change for this pin is not set and GP3 will read as '0'.
Interrupt on change is enabled by setting INTCON<3>.
Note that external oscillator use overrides the GPIO
functions on GP4 and GP5.
5.2
TRIS Register
This register controls the data direction for GPIO. A '1'
from a TRIS register bit puts the corresponding output
driver in a hi-impedance mode. A '0' puts the contents
of the output data latch on the selected pins, enabling
the output buffer. The exceptions are GP3 which is
input only and its TRIS bit will always read as '1'.
Upon reset, the TRIS register is all '1's, making all pins
inputs.
TRIS for pins GP4 and GP5 is forced to a 1 where
appropriate. Writes to TRIS <5:4> will have an effect
in EXTRC and INTRC oscillator modes only. When
GP4 is configured as CLKOUT, changes to TRIS<4>
will have no effect.
5.3
I/O Interfacing
The equivalent circuit for an I/O port pin is shown in
Figure 5-2. All port pins, except GP3 which is input
only, may be used for both input and output
operations. For input operations these ports are non-
latching. Any input must be present until read by an
input instruction (e.g., MOVF GPIO,W). The outputs are
latched and remain unchanged until the output latch is
Note:
A read of the ports reads the pins, not the
output data latches. That is, if an output
driver on a pin is enabled and driven high,
but the external system is holding it low, a
read of the port will indicate that the pin is
low.
rewritten. To
use
a
port
pin
as
output,
the
corresponding direction control bit in TRIS must be
cleared (= 0). For use as an input, the corresponding
TRIS bit must be set. Any I/O pin (except GP3) can be
programmed individually as input or output.
Port pins GP6 and GP7 are used for the serial
EEPROM interface. These port pins are not available
externally on the package. Users should avoid writing
to pins GP6 and GP7 when not communicating with
the serial EEPROM memory. Please see section 6.0,
EEPROM Peripheral Operation, for information on
serial EEPROM communication.
FIGURE 5-1:
EQUIVALENT CIRCUIT
FOR A SINGLE I/O PIN
Note:
On a Power-on Reset, GP0, GP1, GP2,
GP4 are configured as analog inputs and
read as '0'.
Note 1: I/O pins have protection diodes to VDD and VSS.
Data
Bus
Q
D
Q
CK
Q
D
Q
CK
P
N
WR
Port
TRIS ‘f’
Data
TRIS
RD Port
VSS
VDD
I/O
pin(1)
W
Reg
Latch
Latch
Reset
GP3 is input only with no data latch and no
output drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com