Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 62Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 63Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 64Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 65Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 66Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 67Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 68Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 69Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 116 page
background image
PIC12CE67X
DS40181B-page 66
Preliminary
© 1998 Microchip Technology Inc.
BTFSS
Bit Test f, Skip if Set
Syntax:
[
label ] BTFSS f,b
Operands:
0
≤ f ≤ 127
0
≤ b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Encoding:
01
11bb
bfff
ffff
Description:
If bit 'b' in register 'f' is '1' then the next
instruction is skipped.
If bit 'b' is '1', then the next instruction
fetched during the current instruction
execution, is discarded and a NOP is
executed instead, making this a 2 cycle
instruction.
Words:
1
Cycles:
1(2)
Example
HERE
FALSE
TRUE
BTFSS
GOTO
•
•
•
FLAG,1
PROCESS_CODE
Before Instruction
PC =
address
HERE
After Instruction
if FLAG<1> = 0,
PC =
address FALSE
if FLAG<1> = 1,
PC =
address TRUE
CALL
Call Subroutine
Syntax:
[
label ] CALL k
Operands:
0
≤ k ≤ 2047
Operation:
(PC)+ 1
→ TOS,
k
→ PC<10:0>,
(PCLATH<4:3>)
→ PC<12:11>
Status Affected:
None
Encoding:
10
0kkk
kkkk
kkkk
Description:
Call Subroutine. First, return address
(PC+1) is pushed onto the stack. The
eleven bit immediate address is loaded
into PC bits <10:0>. The upper bits of
the PC are loaded from PCLATH.
CALL
is a two cycle instruction.
Words:
1
Cycles:
2
Example
HERE
CALL
THERE
Before Instruction
PC = Address HERE
After Instruction
PC = Address THERE
TOS = Address HERE+1
CLRF
Clear f
Syntax:
[
label ] CLRF
f
Operands:
0
≤ f ≤ 127
Operation:
00h
→ (f)
1
→ Z
Status Affected:
Z
Encoding:
00
0001
1fff
ffff
Description:
The contents of register 'f' are cleared
and the Z bit is set.
Words:
1
Cycles:
1
Example
CLRF
FLAG_REG
Before Instruction
FLAG_REG
=
0x5A
After Instruction
FLAG_REG
=
0x00
Z
=
1
CLRW
Clear W
Syntax:
[
label ] CLRW
Operands:
None
Operation:
00h
→ (W)
1
→ Z
Status Affected:
Z
Encoding:
00
0001
0000
0011
Description:
W register is cleared. Zero bit (Z) is
set.
Words:
1
Cycles:
1
Example
CLRW
Before Instruction
W
=
0x5A
After Instruction
W
=
0x00
Z
=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com