Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 65Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 66Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 67Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 68Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 69Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 70Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 71Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 72Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 69
PIC12CE67X
IORWF
Inclusive OR W with f
Syntax:
[
label ]
IORWF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) .OR. (f)
→ (dest)
Status Affected:
Z
Encoding:
00
0100
dfff
ffff
Description:
Inclusive OR the W register with regis-
ter 'f'. If 'd' is 0 the result is placed in
the W register. If 'd' is 1 the result is
placed back in register 'f'.
Words:
1
Cycles:
1
Example
IORWF
RESULT, 0
Before Instruction
RESULT =
0x13
W
=
0x91
After Instruction
RESULT =
0x13
W
=
0x93
Z
=
1
MOVLW
Move Literal to W
Syntax:
[
label ]
MOVLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W)
Status Affected:
None
Encoding:
11
00xx
kkkk
kkkk
Description:
The eight bit literal 'k' is loaded into W
register
. The don’t cares will assemble
as 0’s.
Words:
1
Cycles:
1
Example
MOVLW
0x5A
After Instruction
W
=
0x5A
MOVF
Move f
Syntax:
[
label ]
MOVF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Encoding:
00
1000
dfff
ffff
Description:
The contents of register f is moved to
a destination dependant upon the sta-
tus of d. If d = 0, destination is W reg-
ister. If d = 1, the destination is file
register f itself. d = 1 is useful to test a
file register since status flag Z is
affected.
Words:
1
Cycles:
1
Example
MOVF
FSR,
0
After Instruction
W = value in FSR register
Z
= 1
MOVWF
Move W to f
Syntax:
[
label ]
MOVWF
f
Operands:
0
≤ f ≤ 127
Operation:
(W)
→ (f)
Status Affected:
None
Encoding:
00
0000
1fff
ffff
Description:
Move data from W register to register
'f'
.
Words:
1
Cycles:
1
Example
MOVWF
OPTION
Before Instruction
OPTION =
0xFF
W
=
0x4F
After Instruction
OPTION =
0x4F
W
=
0x4F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com