Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 92Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 93Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 94Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 95Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 96Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 97Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 98Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 99Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
PIC12CE67X
DS40181B-page 96
Preliminary
© 1998 Microchip Technology Inc.
TABLE 12-9:
A/D CONVERTER CHARACTERISTICS:
PIC12LCE673-04 (COMMERCIAL, INDUSTRIAL)
PIC12LCE674-04 (COMMERCIAL, INDUSTRIAL)
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
NR
Resolution
—
—
8-bits
—
VREF = VDD = 3.0V (Notes 1,4)
NINT
Integral error
—
—
less than
±1 LSb
—
VREF = VDD = 3.0V (Notes 1,4)
NDIF
Differential error
—
—
less than
±1 LSb
—
VREF = VDD = 3.0V (Notes 1,4)
NFS
Full scale error
—
—
less than
±1 LSb
—
VREF = VDD = 3.0V (Notes 1,4)
NOFF
Offset error
—
—
less than
±1 LSb
—
VREF = VDD = 3.0V (Notes 1,4)
—
Monotonicity
—
Typ
—
—
VSS
≤ AIN ≤ VREF
VREF
Reference voltage
TBD
—
VDD + 0.3
V
VAIN
Analog input voltage
VSS - 0.3
—
VREF + 0.3
V
ZAIN
Recommended
impedance of ana-
log voltage source
—
—
10.0
k
Ω
IAD
A/D conversion cur-
rent (VDD)
—
TBD
—
µA
Average current consumption when
A/D is on. (Note 2)
IREF
VREF input current
(Note 3)
—
—
TBD
TBD
mA
µA
During sampling
All other times
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
These specifications apply if VREF = 3.0V and if VDD
≥ 3.0V. VIN must be between VSS and VREF
2:
When A/D is off, it will not consume any current other than minor leakage current. The power-down current spec includes
any such leakage from the A/D module.
3:
VREF current is from GP1 pin or VDD pin, whichever is selected as reference input.
4: When using external VREF, VDD must be greater than 3V for +1 LSB accuracy. If VDD is less than 3V, you
must use internal VREF for +1 LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com