Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 63Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 64Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 65Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 66Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 67Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 68Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 69Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 70Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 67
PIC12CE67X
CLRWDT
Clear Watchdog Timer
Syntax:
[
label ] CLRWDT
Operands:
None
Operation:
00h
→ WDT
0
→ WDT prescaler,
1
→ TO
1
→ PD
Status Affected:
TO, PD
Encoding:
00
0000
0110
0100
Description:
CLRWDT
instruction resets the Watch-
dog Timer. It also resets the prescaler
of the WDT. Status bits TO and PD
are set.
Words:
1
Cycles:
1
Example
CLRWDT
Before Instruction
WDT counter =
?
After Instruction
WDT counter =
0x00
WDT prescaler=
0
TO
=
1
PD
=
1
COMF
Complement f
Syntax:
[
label ] COMF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Encoding:
00
1001
dfff
ffff
Description:
The contents of register 'f' are comple-
mented. If 'd' is 0 the result is stored in
W. If 'd' is 1 the result is stored back in
register 'f'.
Words:
1
Cycles:
1
Example
COMF
REG1,0
Before Instruction
REG1
=
0x13
After Instruction
REG1
=
0x13
W
=
0xEC
DECF
Decrement f
Syntax:
[
label ] DECF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - 1
→ (dest)
Status Affected:
Z
Encoding:
00
0011
dfff
ffff
Description:
Decrement register 'f'. If 'd' is 0 the
result is stored in the W register. If 'd'
is 1 the result is stored back in register
'f'
.
Words:
1
Cycles:
1
Example
DECF
CNT, 1
Before Instruction
CNT
=
0x01
Z
=
0
After Instruction
CNT
=
0x00
Z
=
1
DECFSZ
Decrement f, Skip if 0
Syntax:
[
label ] DECFSZ f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - 1
→ (dest);
skip if result = 0
Status Affected:
None
Encoding:
00
1011
dfff
ffff
Description:
The contents of register 'f' are decre-
mented. If 'd' is 0 the result is placed in
the W register. If 'd' is 1 the result is
placed back in register 'f'.
If the result is 0, the next instruction,
which is already fetched, is discarded. A
NOP is executed instead making it a two
cycle instruction.
Words:
1
Cycles:
1(2)
Example
HERE
DECFSZ
CNT, 1
GOTO
LOOP
CONTINUE •
•
•
Before Instruction
PC
=
address HERE
After Instruction
CNT
=
CNT - 1
if CNT =
0,
PC
=
address CONTINUE
if CNT
≠
0,
PC
=
address HERE+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com