Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 40Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 41Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 42Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 43Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 44Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 45Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 46Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 47Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
PIC12CE67X
DS40181B-page 44
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 8-6:
FLOWCHART OF A/D OPERATION
TABLE 8-2:
SUMMARY OF A/D REGISTERS
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
Resets(1)
0Bh/8Bh
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 000x
0000 000u
0Ch
PIR1
—
ADIF
—
—
—
—
—
—
-0-- ----
-0-- ----
8Ch
PIE1
—
ADIE
—
—
—
—
—
—
-0-- ----
-0-- ----
1Eh
ADRES
A/D Result Register
xxxx xxxx
uuuu uuuu
1Fh
ADCON0
ADCS1
ADCS0
r
CHS1
CHS0
GO/DONE
r
ADON
0000 0000
0000 0000
9Fh
ADCON1
—
—
—
—
—
PCFG2
PCFG1
PCFG0
---- -000
---- -000
05h
GPIO
—
—
GP5
GP4
GP3
GP2
GP1
GP0
--xx xxxx
--uu uuuu
85h
TRIS
—
—
TRIS5
TRIS4
TRIS3
TRIS2
TRIS1
TRIS0
--11 1111
--11 1111
Legend: x = unknown, u = unchanged, - = unimplemented read as '0', r = reserved. Shaded cells are not used for A/D conversion.
Note 1:
These registers can be addressed from either bank.
Acquire
ADON = 0
ADON = 0?
GO = 0?
A/D Clock
GO = 0
ADIF = 0
Abort Conversion
SLEEP
Power-down A/D
Wait 2 TAD
Wake-up
Yes
No
Yes
No
No
Yes
Finish Conversion
GO = 0
ADIF = 1
Device in
No
Yes
Finish Conversion
GO = 0
ADIF = 1
Wait 2 TAD
Stay in Sleep
Selected Channel
= RC?
SLEEP
No
Yes
Instruction?
Start of A/D
Conversion Delayed
1 Instruction Cycle
From Sleep?
Power-down A/D
Yes
No
Wait 2 TAD
Finish Conversion
GO = 0
ADIF = 1
SLEEP?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com