Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 53Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 54Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 55Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 56Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 57Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 58Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 59Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 60Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 57
PIC12CE67X
9.7
Watchdog Timer (WDT)
The Watchdog Timer is a free running on-chip RC oscil-
lator which does not require any external components.
This RC oscillator is separate from the RC oscillator of
the OSC1/CLKIN pin. That means that the WDT will
run, even if the clock on the OSC1/CLKIN and OSC2/
CLKOUT pins of the device has been stopped, for
example, by execution of a SLEEP instruction. During
normal operation, a WDT time-out generates a device
RESET (Watchdog Timer Reset). If the device is in
SLEEP mode, a WDT time-out causes the device to
wake-up and continue with normal operation (Watch-
dog Timer Wake-up). The WDT can be permanently
disabled
by
clearing
configuration
bit
WDTE
(Section 9.1).
9.7.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms, (with
no prescaler). The time-out periods vary with tempera-
ture, VDD and process variations from part to part (see
DC specs). If longer time-out periods are desired, a
prescaler with a division ratio of up to 1:128 can be
assigned to the WDT under software control by writing
to the OPTION register. Thus, time-out periods up to
2.3 seconds can be realized.
The CLRWDT and SLEEP instructions clear the WDT
and the postscaler, if assigned to the WDT, and prevent
it from timing out early and generating a premature
device RESET condition.
The TO bit in the STATUS register will be cleared upon
a Watchdog Timer time-out.
9.7.2
WDT PROGRAMMING CONSIDERATIONS
It should also be taken into account that under worst
case conditions (VDD = Min., Temperature = Max., and
max. WDT prescaler) it may take several seconds
before a WDT time-out occurs.
Note:
When the prescaler is assigned to the
WDT, always execute a CLRWDT instruction
before changing the prescale value, other-
wise a WDT reset may occur.
FIGURE 9-16: WATCHDOG TIMER BLOCK DIAGRAM
FIGURE 9-17: SUMMARY OF WATCHDOG TIMER REGISTERS
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
2007h
Config. bits(1)
MCLRE
CP1
CP0
PWRTE
WDTE
FOSC2
FOSC1
FOSC0
81h
OPTION
GPPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
Legend: Shaded cells are not used by the Watchdog Timer.
Note 1: See Figure 9-1 for operation of these bits. Not all CP0 and CP1 bits are shown.
From TMR0 Clock Source
(Figure 7-5)
To TMR0 (Figure 7-5)
Postscaler
WDT Timer
WDT
Enable Bit
0
1
M
U
X
PSA
8 - to - 1 MUX
PS2:PS0
0
1
MUX
PSA
WDT
Time-out
Note: PSA and PS2:PS0 are bits in the OPTION register.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com