Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 61Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 62Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 63Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 64Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 65Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 66Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 67Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 68Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 65
PIC12CE67X
BCF
Bit Clear f
Syntax:
[
label ] BCF
f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
0
→ (f<b>)
Status Affected:
None
Encoding:
01
00bb
bfff
ffff
Description:
Bit 'b' in register 'f' is cleared
.
Words:
1
Cycles:
1
Example
BCF
FLAG_REG, 7
Before Instruction
FLAG_REG = 0xC7
After Instruction
FLAG_REG = 0x47
BSF
Bit Set f
Syntax:
[
label ] BSF
f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
1
→ (f<b>)
Status Affected:
None
Encoding:
01
01bb
bfff
ffff
Description:
Bit 'b' in register 'f' is set.
Words:
1
Cycles:
1
Example
BSF
FLAG_REG,
7
Before Instruction
FLAG_REG = 0x0A
After Instruction
FLAG_REG = 0x8A
BTFSC
Bit Test, Skip if Clear
Syntax:
[
label ] BTFSC f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
skip if (f<b>) = 0
Status Affected:
None
Encoding:
01
10bb
bfff
ffff
Description:
If bit 'b' in register 'f' is '0' then the next
instruction is skipped.
If bit 'b' is '0' then the next instruction
fetched during the current instruction
execution is discarded, and a NOP is
executed instead, making this a 2 cycle
instruction
.
Words:
1
Cycles:
1(2)
Example
HERE
FALSE
TRUE
BTFSC
GOTO
•
•
•
FLAG,1
PROCESS_CODE
Before Instruction
PC =
address
HERE
After Instruction
if FLAG<1> = 0,
PC =
address TRUE
if FLAG<1>=1,
PC =
address FALSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com