Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 25Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 26Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 27Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 28Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 29Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 30Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 31Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 32Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 29
PIC12CE67X
6.3
WRITE OPERATIONS
6.3.1
BYTE WRITE
Following the start signal from the processor, the
device code (4 bits), the don't care bits (3 bits), and the
R/W bit (which is a logic low) are placed onto the bus
by the processor. This indicates to the addressed
EEPROM that a byte with a word address will follow
after it has generated an acknowledge bit during the
ninth clock cycle. Therefore, the next byte transmitted
by the processor is the word address and will be written
into the address pointer. Only the lower four address
bits are used by the device, and the upper four bits are
don’t cares. The address byte is acknowledgeable and
the processor will then transmit the data word to be
written into the addressed memory location. The mem-
ory acknowledges again and the processor generates
a stop condition. This initiates the internal write cycle,
and during this time will not generate acknowledge sig-
nals (Figure 6-5). After a byte write command, the inter-
nal address counter will not be incremented and will
point to the same address location that was just written.
If a stop bit is transmitted to the device at any point in
the write command sequence before the entire
sequence is complete, then the command will abort
and no data will be written. If more than 8 data bits are
transmitted before the stop bit is sent, then the device
will clear the previously loaded byte and begin loading
the data buffer again. If more than one data byte is
transmitted to the device and a stop bit is sent before a
full eight data bits have been transmitted, then the write
command will abort and no data will be written. The
EEPROM memory employs a VCC threshold detector
circuit which disables the internal erase/write logic if the
VCC is below minimum VDD. Byte write operations
must be preceded and immediately followed by a bus
not busy bus cycle where both SDA and SCL are held
high.
6.4
ACKNOWLEDGE POLLING
Since the EEPROM will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the stop condition for a write com-
mand has been issued from the processor, the device
initiates the internally timed write cycle. ACK polling
can be initiated immediately. This involves the proces-
sor sending a start condition followed by the control
byte for a write command (R/W = 0). If the device is still
busy with the write cycle, then no ACK will be returned.
If no ACK is returned, then the start bit and control byte
must be re-sent. If the cycle is complete, then the
device will return the ACK and the processor can then
proceed with the next read or write command. See
Figure 6-4 for flow diagram.
FIGURE 6-4:
ACKNOWLEDGE POLLING
FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did EEPROM
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES
FIGURE 6-5:
BYTE WRITE
S
P
BUS ACTIVITY
PROCESSOR
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
WORD
ADDRESS
DATA
A
C
K
A
C
K
A
C
K
1
0
X
1
0
X
X
X
X = Don’t Care Bit
X
X
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com