Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 28Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 29Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 30Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 31Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 32Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 33Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 34Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 35Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
PIC12CE67X
DS40181B-page 32
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 7-3:
TIMER0 TIMING: INTERNAL CLOCK/PRESCALE 1:2
FIGURE 7-4:
TIMER0 INTERRUPT TIMING
PC-1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
PC
(Program
Counter)
Instruction
Fetch
TMR0
PC
PC+1
PC+2
PC+3
PC+4
PC+5
PC+6
T0
NT0+1
MOVWF TMR0
MOVF TMR0,W
MOVF TMR0,W
MOVF TMR0,W
MOVF TMR0,W
MOVF TMR0,W
Write TMR0
executed
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0 + 1
T0+1
NT0
Instruction
Execute
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
1
1
OSC1
CLKOUT(3)
Timer0
T0IF bit
(INTCON<2>)
FEh
GIE bit
(INTCON<7>)
INSTRUCTION
PC
Instruction
fetched
PC
PC +1
PC +1
0004h
0005h
Instruction
executed
Inst (PC)
Inst (PC-1)
Inst (PC+1)
Inst (PC)
Inst (0004h)
Inst (0005h)
Inst (0004h)
Dummy cycle
Dummy cycle
FFh
00h
01h
02h
Note 1: Interrupt flag bit T0IF is sampled here (every Q1).
2: Interrupt latency = 3Tcy where Tcy = instruction cycle time.
3: CLKOUT is available only in RC oscillator mode.
FLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com