Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 68Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 69Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 70Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 71Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 72Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 73Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 74Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 75Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 116 page
background image
PIC12CE67X
DS40181B-page 72
Preliminary
© 1998 Microchip Technology Inc.
SUBLW
Subtract W from Literal
Syntax:
[
label ]
SUBLW k
Operands:
0
≤ k ≤ 255
Operation:
k - (W)
→ (W)
Status
Affected:
C, DC, Z
Encoding:
11
110x
kkkk
kkkk
Description:
The W register is subtracted (2’s com-
plement method) from the eight bit literal
'k'. The result is placed in the W register.
Words:
1
Cycles:
1
Example 1:
SUBLW
0x02
Before Instruction
W
=
1
C
=
?
After Instruction
W
=
1
C
=
1; result is positive
Example 2:
Before Instruction
W
=
2
C
=
?
After Instruction
W
=
0
C
=
1; result is zero
Example 3:
Before Instruction
W
=
3
C
=
?
After Instruction
W
=
0xFF
C
=
0; result is nega-
tive
SUBWF
Subtract W from f
Syntax:
[
label ]
SUBWF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - (W)
→ (dest)
Status
Affected:
C, DC, Z
Encoding:
00
0010
dfff
ffff
Description:
Subtract (2’s complement method) W reg-
ister from register 'f'. If 'd' is 0 the result is
stored in the W register. If 'd' is 1 the
result is stored back in register 'f'.
Words:
1
Cycles:
1
Example 1:
SUBWF
REG1,1
Before Instruction
REG1
=
3
W
=
2
C
=
?
After Instruction
REG1
=
1
W
=
2
C
=
1; result is positive
Example 2:
Before Instruction
REG1
=
2
W
=
2
C
=
?
After Instruction
REG1
=
0
W
=
2
C
=
1; result is zero
Example 3:
Before Instruction
REG1
=
1
W
=
2
C
=
?
After Instruction
REG1
=
0xFF
W
=
2
C
=
0; result is negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com