Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 89Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 90Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 91Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 92Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 93Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 94Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 95Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 96Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 93
PIC12CE67X
FIGURE 12-4: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, AND POWER-UP
TIMER TIMING
TABLE 12-5:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TmcL
MCLR Pulse Width (low)
2
—
—
µs
VDD = 5V, –40˚C to +125˚C
31*
Twdt
Watchdog Timer Time-out Period
(No Prescaler)
7
18
33
ms
VDD = 5V, –40˚C to +125˚C
32
Tost
Oscillation Start-up Timer Period
—
1024TOSC
—
—
TOSC = OSC1 period
33*
Tpwrt
Power up Timer Period
28
72
132
ms
VDD = 5V, –40˚C to +125˚C
34
TIOZ
I/O Hi-impedance from MCLR Low
or Watchdog Timer Reset
—
—
2.1
µs
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
VDD
MCLR
Internal
POR
PWRT
Timeout
OSC
Timeout
Internal
RESET
Watchdog
Timer
RESET
33
32
30
31
34
I/O Pins
34
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com