Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 44Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 45Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 46Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 47Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 48Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 49Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 50Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 51Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 116 page
background image
PIC12CE67X
DS40181B-page 48
Preliminary
© 1998 Microchip Technology Inc.
9.2.5
INTERNAL 4 MHz RC OSCILLATOR
The internal RC oscillator provides a fixed 4 MHz (nom-
inal) system clock at VDD = 5V and 25
°C, see "Electri-
cal Specifications" section for information on variation
over voltage and temperature.
In addition, a calibration instruction is programmed into
the last address of the program memory which contains
the calibration value for the internal RC oscillator. This
value is programmed as a RETLW XX instruction where
XX is the calibration value. In order to retrieve the cali-
bration value, issue a CALL YY instruction where YY is
the last location in program memory (03FFh for the
PIC12CE673, 07FFh for the PIC12CE674). Control will
be returned to the user’s program with the calibration
value loaded into the W register. The program should
then perform a MOVWF OSCCAL instruction to load
the value into the internal RC oscillator trim register.
OSCCAL, when written to with the calibration value, will
“trim” the internal oscillator to remove process variation
from the oscillator frequency. Only bits <7:2> of OSC-
CAL are implemented, and bits <1:0> should be written
as 0 for compatibility with future devices. The oscillator
calibration location is not code protected.
9.2.6
CLKOUT
The PIC12CE67X can be configured to provide a clock
out signal (CLKOUT) on pin 3 when the configuration
word address (2007h) is programmed with FOSC2,
FOSC1, FOSC0 equal to 101 for INTRC or 111 for
EXTRC. The oscillator frequency, divided by 4 can be
used for test purposes or to synchronize other logic.
Note:
Please note that erasing the device will
also erase the pre-programmed internal
calibration value for the internal oscillator.
The calibration value must be saved prior
to erasing the part.
9.3
Reset
The PIC12CE67X differentiates between various kinds
of reset:
• Power-on Reset (POR)
• MCLR reset during normal operation
• MCLR reset during SLEEP
• WDT Reset (normal operation)
Some registers are not affected in any reset condition;
their status is unknown on POR and unchanged in any
other reset. Most other registers are reset to a “reset
state” on Power-on Reset (POR), MCLR Reset, WDT
Reset, and MCLR Reset during SLEEP. They are not
affected by a WDT Wake-up, which is viewed as the
resumption of normal operation. The TO and PD bits
are set or cleared differently in different reset situations
as indicated in Table 9-4. These bits are used in
software to determine the nature of the reset. See
Table 9-5 for a full description of reset states of all
registers.
A simplified block diagram of the on-chip reset circuit is
shown in Figure 9-7.
The PIC12CE67X has a MCLR noise filter in the MCLR
reset path. The filter will detect and ignore small pulses.
It should be noted that a WDT Reset does not drive
MCLR pin low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com