Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 96Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 97Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 98Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 99Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 100Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 101Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 102Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 103Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 116 page
background image
PIC12CE67X
DS40181B-page 100
Preliminary
© 1998 Microchip Technology Inc.
TABLE 13-1:
DYNAMIC IDD (TYPICAL) - WDT ENABLED, 25
°C
FIGURE 13-3: WDT TIMER TIME-OUT PERIOD vs. VDD
Oscillator
Frequency
VDD = 2.5V
VDD = 5.5V
External RC
4 MHz
TBD
µA*
620
µA*
Internal RC
4 MHz
TBD
µA
1.1 mA
XT
4 MHz
TBD
µA
775
µA
LP
32 KHz
TBD
µA
37
µA
*Does not include current through external R&C.
50
45
40
35
30
25
20
15
10
5
2
3
4
5
6
7
VDD (Volts)
Max +125
°C
Max +85
°C
Typ +25
°C
MIn –40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com