Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 99Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 100Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 101Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 102Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 103Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 104Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 105Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 106Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 103
PIC12CE67X
14.0
PACKAGING INFORMATION
14.1
Package Marking Information
Legend: MM...M
Microchip part number information
XX...X
Customer specific information*
AA
Year code (last 2 digits of calendar year)
BB
Week code (week of January 1 is week ‘01’)
C
Facility code of the plant at which wafer is manufactured
O = Outside Vendor
C = 5” Line
S = 6” Line
H = 8” Line
D
Mask revision number
E
Assembly code of the plant or country of origin in which
part was assembled
Note:
In the event the full Microchip part number cannot be marked on one line,
it will be carried over to the next line thus limiting the number of available
characters for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week
code, facility code, mask rev#, and assembly code.
For
OTP marking
beyond this, certain price adders apply. Please check with your Microchip
Sales Office. For QTP devices, any special marking adders are included in
QTP price.
MMMMMMMM
XXXXXCDE
AABB
8-Lead PDIP (300 mil)
Example
8-Lead Windowed Ceramic Side Brazed (300 mil)
Example
12CE674
04/PSAZ
9725
CE674
JW
MMMMMM
MM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com