Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 101Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 102Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 103Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 104Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 105Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 106Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 107Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 108Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 105
PIC12CE67X
Package Type:
K04-084 8-Lead Ceramic Side Brazed Dual In-line with Window (JW) – 300 mil
n
1
2
0.260
0.440
0.161
0.310
0.280
0.510
0.130
0.025
0.103
0.145
0.008
0.050
0.016
0.098
MIN
Window Diameter
Overall Row Spacing
Package Length
Tip to Seating Plane
Base to Seating Plane
Top of Body to Seating Plane
Top to Seating Plane
Upper Lead Width
Lower Lead Width
PCB Row Spacing
Dimension Limits
Lid Length
Lid Width
Package Width
Lead Thickness
Number of Pins
Pitch
Units
T
U
D
W
eB
E
A2
A1
L
B
A
c
B1
p
n
0.450
0.270
0.520
0.166
0.338
0.290
0.140
0.035
0.123
0.460
0.280
0.171
0.365
0.300
0.530
0.150
0.045
0.143
8
NOM
0.018
0.165
0.010
0.055
0.100
0.300
MAX
0.185
0.012
0.060
0.020
0.102
6.86
11.43
4.22
8.57
7.37
13.21
3.56
0.89
3.12
11.18
6.60
12.95
4.09
7.87
7.11
3.30
0.64
2.62
11.68
7.11
13.46
4.34
9.27
7.62
3.81
1.14
3.63
4.19
0.25
1.40
0.46
2.54
7.62
NOM
MILLIMETERS
MIN
0.41
3.68
0.20
1.27
2.49
MAX
8
0.51
4.70
0.30
1.52
2.59
D
T
E
U
W
c
eB
L
A1
B
B1
A
A2
p
INCHES*
* Controlling Parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com