Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 39Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 40Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 41Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 42Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 43Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 44Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 45Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 46Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 43
PIC12CE67X
8.5
A/D Operation During Sleep
The A/D module can operate during SLEEP mode. This
requires that the A/D clock source be set to RC
(ADCS1:ADCS0 = 11). When the RC clock source is
selected, the A/D module waits one instruction cycle
before starting the conversion. This allows the SLEEP
instruction to be executed, which eliminates all digital
switching noise from the conversion. When the conver-
sion is completed the GO/DONE bit will be cleared, and
the result loaded into the ADRES register. If the A/D
interrupt is enabled, the device will wake-up from
SLEEP. If the A/D interrupt is not enabled, the A/D mod-
ule will then be turned off, although the ADON bit will
remain set.
When the A/D clock source is another clock option (not
RC), a SLEEP instruction will cause the present conver-
sion to be aborted and the A/D module to be turned off,
though the ADON bit will remain set.
Turning off the A/D places the A/D module in its lowest
current consumption state.
8.6
A/D Accuracy/Error
The overall accuracy of the A/D is less than
± 1 LSb for
VDD = 5V
± 10% and the analog VREF = VDD.This over-
all accuracy includes offset error, full scale error, and
integral error. The A/D converter is guaranteed to be
monotonic. The resolution and accuracy may be less
when either the analog reference (VDD) is less than
5.0V or when the analog reference (VREF) is less than
VDD.
The maximum pin leakage current is
± 5 µA.
In systems where the device frequency is low, use of
the A/D RC clock is preferred. At moderate to high fre-
quencies, TAD should be derived from the device oscil-
lator. TAD must not violate the minimum and should be
≤ 8 µs for preferred operation. This is because TAD,
when derived from TOSC, is kept away from on-chip
phase clock transitions. This reduces, to a large extent,
the effects of digital switching noise. This is not possible
with the RC derived clock. The loss of accuracy due to
digital switching noise can be significant if many I/O
pins are active.
In systems where the device will enter SLEEP mode
after the start of the A/D conversion, the RC clock
source selection is required. In this mode, the digital
noise from the modules in SLEEP are stopped. This
method gives high accuracy.
Note:
For the A/D module to operate in SLEEP,
the A/D clock source must be set to RC
(ADCS1:ADCS0 = 11). To perform an A/D
conversion in SLEEP, the GO/DONE bit
must be set, followed by the SLEEP instruc-
tion.
8.7
Effects of a RESET
A device reset forces all registers to their reset state.
This forces the A/D module to be turned off, and any
conversion is aborted. The value that is in the ADRES
register is not modified for a Reset. The ADRES regis-
ter will contain unknown data after a Power-on Reset.
8.8
Connection Considerations
If the input voltage exceeds the rail values (VSS or VDD)
by greater than 0.2V, then the accuracy of the conver-
sion is out of specification.
An external RC filter is sometimes added for anti-alias-
ing of the input signal. The R component should be
selected to ensure that the total source impedance is
kept under the 10 k
Ω recommended specification. Any
external components connected (via hi-impedance) to
an analog input pin (capacitor, zener diode, etc.) should
have very little leakage current at the pin.
8.9
Transfer Function
The ideal transfer function of the A/D converter is as fol-
lows: the first transition occurs when the analog input
voltage (VAIN) is 1 LSb (or Analog VREF / 256)
(Figure 8-5).
FIGURE 8-5:
A/D TRANSFER FUNCTION
Note:
For the PIC12CE67X, care must be taken
when using the GP4 pin in A/D conver-
sions due to its proximity to the OSC1 pin.
FFh
FEh
04h
03h
02h
01h
00h
Analog input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com