Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 66Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 67Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 68Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 69Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 70Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 71Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 72Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 73Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 116 page
background image
PIC12CE67X
DS40181B-page 70
Preliminary
© 1998 Microchip Technology Inc.
NOP
No Operation
Syntax:
[
label ]
NOP
Operands:
None
Operation:
No operation
Status Affected:
None
Encoding:
00
0000
0xx0
0000
Description:
No operation.
Words:
1
Cycles:
1
Example
NOP
OPTION
Load Option Register
Syntax:
[
label ]
OPTION
Operands:
None
Operation:
(W)
→ OPTION
Status Affected: None
Encoding:
00
0000
0110
0010
Description:
The contents of the W register are
loaded in the OPTION register. This
instruction is supported for code com-
patibility with PIC16C5X products.
Since OPTION is a readable/writable
register, the user can directly address
it.
Words:
1
Cycles:
1
Example
To maintain upward compatibility
with future PIC12C67X products,
do not use this instruction.
RETFIE
Return from Interrupt
Syntax:
[
label ]
RETFIE
Operands:
None
Operation:
TOS
→ PC,
1
→ GIE
Status Affected:
None
Encoding:
00
0000
0000
1001
Description:
Return from Interrupt. Stack is POPed
and Top of Stack (TOS) is loaded in
the PC. Interrupts are enabled by set-
ting Global Interrupt Enable bit, GIE
(INTCON<7>). This is a two cycle
instruction.
Words:
1
Cycles:
2
Example
RETFIE
After Interrupt
PC =
TOS
GIE =
1
RETLW
Return with Literal in W
Syntax:
[
label ]
RETLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W);
TOS
→ PC
Status Affected:
None
Encoding:
11
01xx
kkkk
kkkk
Description:
The W register is loaded with the eight
bit literal 'k'. The program counter is
loaded from the top of the stack (the
return address). This is a two cycle
instruction.
Words:
1
Cycles:
2
Example
TABLE
CALL TABLE
;W contains table
;offset value
•
;W now has table value
•
•
ADDWF PC
;W = offset
RETLW k1
;Begin table
RETLW k2
;
•
•
•
RETLW kn
; End of table
Before Instruction
W
=
0x07
After Instruction
W
=
value of k8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com