Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 22Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 23Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 24Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 25Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 26Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 27Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 28Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 29Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 116 page
background image
PIC12CE67X
DS40181B-page 26
Preliminary
© 1998 Microchip Technology Inc.
TABLE 5-1:
SUMMARY OF PORT REGISTERS
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
Resets
85h
TRIS
—
—
GPIO Data Direction Register
--11 1111
--11 1111
81h
OPTION
GPPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
03h
STATUS
IRP(1)
RP1(1)
RP0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
05h
GPIO
SCL
SDA
GP5
GP4
GP3
GP2
GP1
GP0
11xx xxxx
11uu uuuu
Legend: Shaded cells not used by Port Registers, read as ‘0’, — = unimplemented, read as '0', x = unknown, u = unchanged,
q = see tables in Section 9.4 for possible values.
Note 1: The IRP and RP1 bits are reserved on the PIC12CE67X, always maintain these bits clear.
5.4
I/O Programming Considerations
5.4.1
BI-DIRECTIONAL I/O PORTS
Any instruction which writes, operates internally as a
read followed by a write operation. The BCF and BSF
instructions, for example, read the register into the
CPU, execute the bit operation and write the result back
to the register. Caution must be used when these
instructions are applied to a port with both inputs and
outputs defined. For example, a BSF operation on bit5
of GPIO will cause all eight bits of GPIO to be read into
the CPU. Then the BSF operation takes place on bit5
and GPIO is written to the output latches. If another bit
of GPIO is used as a bi-directional I/O pin (e.g., bit0)
and it is defined as an input at this time, the input signal
present on the pin itself would be read into the CPU
and rewritten to the data latch of this particular pin,
overwriting the previous content. As long as the pin
stays in the input mode, no problem occurs. However,
if bit0 is switched to an output, the content of the data
latch may now be unknown.
Reading the port register, reads the values of the port
pins. Writing to the port register writes the value to the
port latch. When using read-modify-write instructions
(ex. BCF, BSF, etc.) on a port, the value of the port pins
is read, the desired operation is done to this value, and
this value is then written to the port latch.
Example 5-1 shows the effect of two sequential read-
modify-write instructions on an I/O port.
EXAMPLE 5-1:
READ-MODIFY-WRITE
INSTRUCTIONS ON AN
I/O PORT
;Initial GPIO Settings
; GPIO<5:3> Inputs
; GPIO<2:0> Outputs
;
;
GPIO latch
GPIO pins
;
----------
----------
BCF
GPIO, 5
;--01 -ppp
--11 pppp
BCF
GPIO, 4
;--10 -ppp
--11 pppp
MOVLW 007h
;
TRIS
GPIO
;--10 -ppp
--11 pppp
;
;Note that the user may have expected the pin
;values to be --00 pppp. The 2nd BCF caused
;GP5 to be latched as the pin value (High).
A pin actively outputting a Low or High should not be
driven from external devices at the same time in order
to change the level on this pin (“wired-or”, “wired-and”).
The resulting high output currents may damage the
chip.
FIGURE 5-2:
SUCCESSIVE I/O OPERATION
PC
PC + 1
PC + 2
PC + 3
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
Instruction
fetched
GP5:GP0
MOVWF GPIO
NOP
Port pin
sampled here
NOP
MOVF GPIO,W
Instruction
executed
MOVWF GPIO
(Write to
GPIO)
NOP
MOVF GPIO,W
This example shows a write to GPIO followed
by a read from GPIO.
Data setup time = (0.25 TCY – TPD)
where: TCY = instruction cycle.
TPD = propagation delay
Therefore, at higher clock frequencies, a
write followed by a read may be problematic.
(Read
GPIO)
Port pin
written here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com