Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 52Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 53Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 54Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 55Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 56Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 57Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 58Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 59Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 116 page
background image
PIC12CE67X
DS40181B-page 56
Preliminary
© 1998 Microchip Technology Inc.
9.5.1
TMR0 INTERRUPT
An overflow (FFh
→ 00h) in the TMR0 register will set
flag bit T0IF (INTCON<2>). The interrupt can be
enabled/disabled by setting/clearing enable bit T0IE
(INTCON<5>). (Section 7.0)
9.5.2
INT INTERRUPT
External interrupt on GP2/INT pin is edge triggered:
either rising if bit INTEDG (OPTION<6>) is set, or fall-
ing, if the INTEDG bit is clear. When a valid edge
appears
on
the
GP2/INT
pin,
flag
bit
INTF
(INTCON<1>) is set. This interrupt can be disabled by
clearing enable bit INTE (INTCON<4>). Flag bit INTF
must be cleared in software in the interrupt service rou-
tine before re-enabling this interrupt. The INT interrupt
can wake-up the processor from SLEEP, if bit INTE was
set prior to going into SLEEP. The status of global inter-
rupt enable bit GIE decides whether or not the proces-
sor branches to the interrupt vector following wake-up.
See Section 9.8 for details on SLEEP mode.
9.5.3
GPIO INTCON CHANGE
An input change on GP3, GP1 or GP0 sets flag bit
GPIF (INTCON<0>). The interrupt can be enabled/dis-
abled
by
setting/clearing
enable
bit
GPIE
(INTCON<3>). (Section 5.1)
9.6
Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users may wish to save key reg-
isters during an interrupt i.e., W register and STATUS
register. This will have to be implemented in software.
The example:
a)
Stores the W register.
b)
Stores the STATUS register in bank 0.
c)
Executes the ISR code.
d)
Restores the STATUS register (and bank select
bit).
e)
Restores the W register.
Example 9-1 store and restore the STATUS and W
registers. The register, W_TEMP, must be defined in
both banks and must be defined at the same offset
from the bank base address (i.e., if W_TEMP is
defined at 0x20 in bank 0, it must also be defined at
0xA0 in bank 1).
EXAMPLE 9-1:
SAVING STATUS AND W REGISTERS IN RAM
MOVWF
W_TEMP
;Copy W to TEMP register, could be bank one or zero
SWAPF
STATUS,W
;Swap status to be saved into W
BCF
STATUS,RP0
;Change to bank zero, regardless of current bank
MOVWF
STATUS_TEMP
;Save status to bank zero STATUS_TEMP register
:
:(ISR)
:
SWAPF
STATUS_TEMP,W
;Swap STATUS_TEMP register into W
;(sets bank to original state)
MOVWF
STATUS
;Move W into STATUS register
SWAPF
W_TEMP,F
;Swap W_TEMP
SWAPF
W_TEMP,W
;Swap W_TEMP into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com