Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 37Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 38Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 39Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 40Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 41Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 42Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 43Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 44Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 41
PIC12CE67X
8.2
Selecting the A/D Conversion Clock
The A/D conversion time per bit is defined as TAD. The
A/D conversion requires 9.5 TAD per 8-bit conversion.
The source of the A/D conversion clock is software
selected. The four possible options for TAD are:
• 2TOSC
• 8TOSC
• 32TOSC
• Internal ADC RC oscillator
For correct A/D conversions, the A/D conversion clock
(TAD) must be selected to ensure a minimum TAD time
of 1.6
µs.
Table 8-1 shows the resultant TAD times derived from
the device operating frequencies and the A/D clock
source selected.
8.3
Configuring Analog Port Pins
The ADCON1 and TRIS registers control the operation
of the A/D port pins. The port pins that are desired as
analog inputs must have their corresponding TRIS bits
set (input). If the TRIS bit is cleared (output), the digital
output level (VOH or VOL) will be converted.
The A/D operation is independent of the state of the
CHS2:CHS0 bits and the TRIS bits.
Note 1: When reading the port register, all pins
configured as analog input channel will
read as cleared (a low level). Pins config-
ured as digital inputs, will convert an ana-
log input. Analog levels on a digitally
configured input will not affect the conver-
sion accuracy.
Note 2: Analog levels on any pin that is defined as
a digital input (including the AN3:AN0
pins), may cause the input buffer to con-
sume current that is out of the devices
specification.
TABLE 8-1:
TAD vs. DEVICE OPERATING FREQUENCIES
AD Clock Source (TAD)
Device Frequency
Operation
ADCS1:ADCS0
4 MHz
1.25 MHz
333.33 kHz
2TOSC
00
500 ns(2)
1.6
µs
6
µs
8TOSC
01
2.0
µs
6.4
µs
24
µs(3)
32TOSC
10
8.0
µs
25.6
µs(3)
96
µs(3)
Internal ADC RC Oscillator(5)
11
2 - 6
µs(1,4)
2 - 6
µs(1,4)
2 - 6
µs(1)
Note 1: The RC source has a typical TAD time of 4
µs.
2: These values violate the minimum required TAD time.
3: For faster conversion times, the selection of another clock source is recommended.
4: While in RC mode, with device frequency above 1 MHz, conversion accuracy is out of specification.
5: For extended voltage devices (LC), please refer to Electrical Specifications section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com