Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04/P Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC12CE673-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04/P Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC12CE673-04/P Datasheet HTML 100Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 101Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 102Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 103Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 104Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 105Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 106Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 107Page - Microchip Technology PIC12CE673-04/P Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 116 page
background image
PIC12CE67X
DS40181B-page 104
Preliminary
© 1998 Microchip Technology Inc.
Package Type:
K04-018 8-Lead Plastic Dual In-line (P) – 300 mil
* Controlling Parameter.
† Dimension “B1” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B1.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”
0.310
0.267
0.245
0.355
0.120
0.005
0.060
0.140
0.006
0.000
0.055
0.014
Mold Draft Angle Bottom
Mold Draft Angle Top
Overall Row Spacing
Radius to Radius Width
Molded Package Width
Tip to Seating Plane
Base to Seating Plane
Top of Lead to Seating Plane
Top to Seating Plane
Upper Lead Width
Lower Lead Width
PCB Row Spacing
Package Length
Lead Thickness
Shoulder Radius
Number of Pins
Pitch
eB
β
α
L
E1
E‡
D‡
A2
A1
A
B
B1†
R
c
n
p
Dimension Limits
Units
MIN
0.380
0.342
5
5
10
10
15
15
0.130
0.280
0.250
0.370
0.020
0.080
0.150
0.018
0.012
0.005
0.060
0.100
0.300
8
0.292
0.260
0.385
0.140
0.035
0.100
0.160
0.015
0.010
0.065
0.022
9.65
8.67
7.87
5
5
10
10
15
15
7.10
6.35
9.40
3.30
0.51
2.03
3.81
0.29
0.13
1.52
0.46
2.54
7.62
3.05
6.78
6.22
9.02
0.13
1.52
3.56
0.36
0.20
0.00
1.40
3.56
7.42
6.60
9.78
0.89
2.54
4.06
8
0.56
0.38
0.25
1.65
MIN
NOM
INCHES*
MAX
MILLIMETERS
NOM
MAX
n
1
2
R
D
E
c
β
eB
E1
α
p
A1
L
A
A2
B
B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com