Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 19 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 19 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
19/41
5.2 Example of main transformer design conditions
The values below are provided as guideline values only. Make the appropriate adjustments to suit specific
load conditions.
Description
Symbol
Unit
Reference value
Input voltage range
VAC
[V]
85–276
Efficiency
-
0.80–0.85
Minimum oscillation frequency
f(min)
[kHz]
35–50
On duty ratio
D
-
0.4–0.6
Capacity of resonating capacitor
Cq
[pF]
100–3300
Control coil voltage
VNC
[V]
15–20
Magnetic flux density variation
B
[mT]
250–300
Coil current density
[A/mm
2]
4–6
* If the output capacity of the main switching device Coss is significant relative to the
capacity setting of the resonating capacitor, Cq must be the capacity of the resonating
capacitor plus Coss.
5.3 Formulas for main transformer design
1
Minimum DC input
voltage
(min)
(min)
2
.
1
AC
DC
V
V
[V]
2
Maximum DC input
voltage
(max)
(max)
2
AC
DC
V
V
[V]
3
Maximum oscillation cycle
(min)
(max)
1
f
T
[s]
4
Maximum ON period
(min)
1
(max)
f
D
t
on
[s]
5
Maximum OFF period
tq
V
V
Np
t
V
N
t
F
O
on
DC
S
off
)
(
1
1
1
(max)
(min)
1
(max)
[s]
6
Quasi-resonance period
Cq
Lp
tq
[s]
7
Maximum load power
(max)
(max)
O
O
I
Vo
P
[W]
8
Maximum output power
(reference value)
(max)
2
.
1
O
L
P
P
[W]
9
Main SW device peak
current
D
V
P
I
DC
L
DP
(min)
2
[A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com