Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 34 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 34 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 30Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 38Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
34/41
(5) Circuit protection
The Vcc pin may break down during a short circuit test.
If so, protect the circuit using a zener diode (DZ306), as
shown to the right. A zener diode for 30 V or greater
should have negligible effect on IC functions for normal
use.
5.5.6 Setting resonating capacitor
The capacitance set for the resonating capacitor should be between 100 pF and 3,300 pF for real-world
applications. No other restrictions apply.
(1) Conditions under which a relatively large capacitance is selected
 The partial resonance trough is close to 0 V because, for example, input voltage is low and switching
loss is expected to be very small.
 The conducted emissions are high.
 The surge voltage is large relative to the withstand voltage of the main switching device, and there is
no margin.
(2) Conditions under which a relatively small capacitance is selected
 The main switching device generates significant heat.
 Standby power must be minimized.
The following table lists the effects of changes in the capacitance of the resonating capacitor on power
supply performance.
Item
Reduce capacitance.
⇔
Increase capacitance.
Main SW device peak voltage
Rise
⇔
Fall
Droop point power
Increase
⇔
Decrease
Heat buildup in the main SW
Decrease
⇔
Increase
Main SW device current immediately after
powering on
Decrease
⇔
Increase
Main SW peak current under the same output
power conditions
Decrease
⇔
Increase
Regulation of output voltage
Decline
⇔
Improve
Regulation of Vcc voltage
Decline
⇔
Improve
Power supply efficiency
Improve
⇔
Decline
Noise
Rising tendency
⇔
Declining tendency
In efforts to optimize power supply performance, changes in the capacitance of the resonating capacitor
often involve trade-offs. Carefully examine the advantages and disadvantages of the change when
determining the constants. It may be possible to improve the trade-offs by redesigning the transformer.
Consider redesigning the transformer to optimize power supply performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com