Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 13 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 13 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
13/41
3.3.2 Super standby mode
Super standby mode is an intermittent oscillation mode that minimizes power losses under micro loads. The
function helps reduce input power.
1) Switching from normal mode or auto burst mode to super standby mode
The IC switches from normal mode or auto burst mode to super standby mode by stopping the external
clamp of the Z/C pin voltage using a signal and by applying 3 V or more per cycle.
In super standby mode, the IC promptly lowers the
Vcc voltage to VCC (sp stby start) to shift seamlessly
from direct control to indirect control.
Standby signal ON (Photocoupler lights up):
Z/C pin voltage clamp
Normal mode or auto burst mode
Standby signal OFF (Photocoupler goes out):
Z/C pin voltage clamp released
 Super standby mode
2) Super standby control
In super standby mode, control shifts from direct control using the F/B pin to indirect control using the
Vcc pin.
Super standby oscillation start VCC voltage: VCC (sp stby start) = 8.7 V (TYP)
Super standby oscillation stop VCC voltage: VCC (sp stby stop) = 9.3 V (TYP)
Control is implemented with a lower voltage than VCC during normal operations. Output voltage is kept
below regulation voltage, thereby bypassing activation of the feedback photocoupler and reducing
power consumption.
Z/C
ID
スーパー
スタンバイ
VCC
ノーマル
スーパースタンバイ
3V
Vout
スーパースタンバイ
切替
スーパースタンバイ
解除
Vcc電圧による間接制御
ノーマル
Vcc(sp stby start)=8.7V
Vcc(sp stby stop)=9.3V
6
1
3
Z/C端子
GND端子
スタンバイ信号
(外部信号)
VCC端子
Standby signal
(external signal)
VCC pin
Z/C pin
GND pin
Super standby
start
Super standby
stop
Normal
Super
standby
Indirect control with Vcc
Super standby
Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com