Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 38 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 38 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 38Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 39Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 40Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 41Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
38/41
Formula 6:
12
3
10
470
10
647
.
0
14
.
3
tq
=1.73[μs]
Formula 5:
6
6
(max)
10
73
.
1
)
6
.
0
12
(
68
10
26
.
9
102
8
off
t
=10.55[μs]
On duty ratio:
55
.
10
26
.
9
26
.
9
(max)
1
(max)
1
(max)
off
on
on
t
t
t
D
=0.467
Minimum oscillation frequency:
55
.
10
26
.
9
1
1
(max)
1
(max)
(min)
off
on
t
t
f
=50.48[kHz]
Formula 9:
2
467
.
0
102
85
.
0
46
.
1
2
(min)
D
V
I
P
DC
DP
L
=29.56[W]
The preceding calculation shows that the droop point power is 1.173 times the maximum power; i.e.,
(max)
173
.
1
O
L
P
P
.
The following formula gives ΔB:
464
.
0
68
10
10
26
.
9
102
10
7
6
7
1
(max)
(min)
Ae
Np
t
V
B
on
DC
=299.35[mT]
The result indicates whether ΔB presents any problems.
 Corrected parameters
f(min)
50.48 [kHz]
D
0.467
ΔB
299.4mT
Lp
0.647 [mH]
tq
1.73 [μs]
PL
Po×1.173[W]
Np
68 [Turn]
NS1
8 [Turn]
Nc
10 [Turn]
Check to determine whether these corrected values are adequate. In particular, make sure PL is not
too large (the output current is not too large) or too small (there is sufficient margin relative to load)
and that the resulting conditions do not lead to saturation of ΔB.
(8) Estimating the voltage applied to the main switching device
After finalizing the transformer design, estimate the
withstand voltage of the main switching device and
check to determine whether the selected main
switching device has sufficient withstand voltage.
The diagram to the right shows a model waveform of
the main switching device when the main switching
device is off. The maximum voltage of the main
switching device is estimated by calculating (1) to
(4).
(1)
(4)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com