Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 27 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 27 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 29Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 30Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
27/41
5.5 Pin design
5.5.1 Design procedure for the Z/C pin (Pin 1)
The operating mode switching circuit described in this section incorporates a photocoupler that receives
signals from the secondary side. For the secondary circuit configuration, see 6. Example circuit diagram.
(1) Basic circuit
This is the simplest circuit configuration for
designs requiring only normal mode. Since
auto burst mode is available, it is the easiest
design for a power supply featuring standby
mode.
(2) Circuit for using super standby mode
The diagram to the right shows the basic
circuit for using super standby mode. A
photocoupler is added to switch the Z/C pin
between high and low levels. If the
photocoupler activates, the circuit operates in
normal mode. If the photocoupler deactivates,
the circuit operates in super standby mode.
The photocoupler current must be carefully set so that the Z/C pin voltage falls sufficiently low.
 Protection for this circuit configuration
Protect with a zener diode if the insulation
appears likely to break down between the
photocoupler PH102 and the primary or
secondary side, as shown to the right.
(3) Circuit for operating the photocoupler at low
current
This circuit uses less power to operate the
PH102 in auto burst mode, thereby slightly
enhancing efficiency in auto burst mode
compared to circuit (2).
1
3
C108
R106
R105
D102
Nc
PH102
DZ301
MS1003SH
MS1004SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com