Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 29 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 29 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 29Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 30Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
29/41
3) D102
This diode sets the Z/C pin to low to activate normal mode.
As described in Section 3.2.1, the on-trigger circuit detects the Z/C pin voltage when it reaches VZ/C
(0.25 V). Thus, the diode should not reduce the voltage below VZ/C. Make sure the diode has
adequate VF to secure VZ/C.
5.5.2 Design procedure for F/B pin
(1) Basic circuit
The diagram to the right shows the basic circuit. PH101 is
a photocoupler for constant voltage control. R107 and
C107 are noise reduction components.
C107 has a capacitance between 470 pF and 2,200 pF. Set
the initial design value to 1,000 pF. R107 is set between 39
kΩ and 47 kΩ. Normally, it should be set to 47 kΩ. If the
resistance falls below 39 kΩ, the timer latch function may
be disabled.
(2) Protection
PH101 may exhibit insulation breakdown during a short
circuit test. If so, protect the circuit using a zener diode, as
shown to the right. A zener diode for 10 V or greater
should have negligible effect on IC functions for normal
use.
(3) Phase compensation of F/B pin
C107 is used not just to reduce noise, but to adjust
feedback response. However, in a large-capacity or
multi-output power supply, phase compensation by the
secondary control circuit may be inadequate.
If so, add a circuit between the F/B pin and the GND pin,
as shown to the right. Doing so can resolve various issues,
including hunting.
Refer to the following table to determine constants.
Initial design value
R303
4.7 kΩ
C301
0.1
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com