Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 30 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 30 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 29Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 30Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
30/41
(4) Additional circuit to F/B pin
When adding a circuit to the power supply circuit due to load setting conditions or for other reasons, be
careful to avoid disabling the timer latch function. Disabling the timer latch will affect power supply
performance.
5.5.3 Design of OCL pin
(1) Basic circuit
The diagram to the right shows the basic circuit.
The circuit consists of R104 for primary current
detection and a filter circuit comprising R103 and C106.
R104: Resistance required in Section 5.4
C106: Initial design value of 220 pF
Design values from 220 pF to 3,300 pF
R103: Initial design value of 100 Ω
Design values from 100 to 470 Ω
Increase the constants if switching noise is significant
and may lead to malfunctions.
(2) Protection for large output power
If switching noise is significant—for instance, because output power is large—a high negative voltage
may be applied to the OCL pin. Since the MS100xSH series are single power supply ICs, a negative
voltage may damage the IC or cause malfunctions.
The following diagram shows a circuit that incorporates a feature to protect the OCL pin against
negative voltages. The added diode D301 should have small VF (a Schottky barrier diode is
recommended) and should be connected as close as possible to the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com