Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 23 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 23 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
23/41
[Condition 1] The operating frequency fulfills T (bottom_skip_stop).
* In place of coefficient A in the formulas, substitute 1 for the MS1003SH and 2 for the MS1004SH.
22
ON range
)
(
)
(
)
(
1
1
1
1
1
ip_stop)
(bottom_sk
F
O
DC
S
F
O
V
V
Np
V
N
V
V
tq
T
Np
ton
[s]
23
OFF range
ton
tq
A
T
toff
2
ip_stop)
(bottom_sk
[s]
24
Main SW device peak
current
Lp
ton
V
I
DC
DP
[A]
25
Trough skip end power 1
)
2
(
2
ip_stop)
(bottom_sk
2
2
tq
A
T
Lp
ton
V
Po
DC
[W]
[Condition 2] The OCL pin voltage reaches the current detection threshold voltage in trough skip mode.
Under this condition, Vth (ocl) varies with input voltage. First, calculate the input voltage VDC (clamp) at
the point of change in Vth (ocl). If VDC does not exceed VDC (clamp), apply the formulas in 1). If VDC
exceeds VDC (clamp), apply the formulas in 2).
The input voltage at the point of change in Vth (ocl) is obtained with the following formula.
26
Input voltage at the point of
change in Vth (ocl)
)
(
)
(
)
(
OCL
clamp
OCL
clamp
DC
R
TOCL
Vth
Lp
V
[V]
Input voltage VDC [V]
Trough skip hysteresis
with input voltage of
VDC (clamp) or below
Trough skip hysteresis
with input voltage of
VDC (clamp) or above
Calculation line of
trough skip start
power
Calculation line of
trough skip end power
condition 1
Calculation line of trough skip
end power condition 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com