Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 16 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 16 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
16/41
3.4.4 VCC-GND short circuit protection
If Vcc and GND short-circuit, current flows continuously to the startup circuit, and heat builds up in the IC.
A function reduces Icc in the event of short circuits to prevent excessive heat buildup.
3.4.5 Leading edge blank (LEB)
The MS1003SH and MS1004SH incorporate a leading edge blank function, which rejects trigger signals
from the drain current detection circuit for a certain period of time after the main switching device is turned
on to improve the noise margin.
This function prevents false detection due to a gate drive current generated the moment the main switching
device is turned on or to a current discharged from the resonating capacitor.
3.4.6 On-trigger malfunction prevention circuit
At startup or in the event of a load short circuit, the output
voltage drops to levels significantly below the set voltage.
Since the control coil voltage is proportional to the output
voltage, it drops significantly as well. In this case, a false
on-trigger timing may be detected due to the ringing voltage
while the device is off. The device may switch before the
current critical point.
To address this problem, the MS1003SH and MS1004SH
incorporate a circuit for preventing on-trigger malfunctions at
startup or in the event of short circuits.
This function disables the on-trigger during the period Tondead after the main switching device in the IC is
turned off. This prevents false detection due to the ringing voltage while the device is off.
3.4.7 TSD
The MS1003SH and MS1004SH incorporate a thermal shutdown circuit. The IC is latched at 150°C (TYP),
and oscillation is stopped. The IC is unlatched by momentarily dropping the VCC pin voltage to the VUL
(unlatch voltage) or below.
ID
VZ/C
オントリガ禁止期間
tondead
2次整流ダイオード電流
約0.25V
Output current Io
Main SW device
current ID
Control voltage
Vcc
Feedback voltage
VF/B
The bias assist function turns off after the IC is latched.
Overload beyond the droop setting
The on-trigger is disabled
during this period.
Approx.
0.25 V
Secondary rectification diode current
Tondead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com