Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 37 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 37 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 38Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 39Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 40Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 41Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
37/41
(6) Calculating the number of turns in the control coil
Formula 15:
6
.
0
12
8
.
0
15
8
Nc
=10.03[Turn]
Round the result to the nearest integer, i.e., Nc = 10 turns.
(Round up the result when adjusting the voltage upwards. When adjusting it downwards, round it
down.)
(7) Recalculating the transformer design
The actual design values of a transformer differ from initial design values because results are rounded
to integers during the design process and because actual resistances and inductances differ from
calculations.
The differences are corrected and the OCL resistance R(OCL) and transformer core gap are determined as
follows:
1) Correcting the main SW peak current and determining OCL resistance R(OCL)
Calculate R(OCL) based on the relationship between the main SW peak current obtained in Section
(3) and the VTH (OCL) clamp.
484
.
1
54
.
0
)
(
OCL
R
=0.3638[Ω]
To adjust resistance, change R(OCL) to 0.37 Ω (e.g., 0.22 Ω + 0.15 Ω).
The main SW peak current changes to
37
.
0
54
.
0
DP
I
=1.46[A].
2) Determining the core gap and correcting the inductance
To specify the core gap when ordering a transformer, you can use the result of Formula 12 in
Section 5.3. Note that using the inductance coefficient “AL-value” is more common.
The AL-value is among the key parameters that determine transformer core performance, together
with the NI-limit expressed in [
2
N
nH
] and magnetic saturation condition.
The inductance is corrected based on the assumption that the AL-value is 140.
(Standard AL-values vary from manufacturer to manufacturer. Contact the transformer manufacturer
to obtain more information.)
Since the
2
value
-
AL
N
nH
, the result is
2
68
140
= 647360 nH.
The inductance Lp is corrected to 0.647 mH.
3) Correcting initial design values
From the IDP and Lp obtained in Sections 1) and 2), the initial design values are corrected as
follows:
Formula 10:
102
46
.
1
10
647
.
0
3
(min)
1
(max)
DC
DP
on
V
I
Lp
t
=9.26 [μs]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com