Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 15 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 15 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
15/41
This current limit protection function incorporates a function to correct dependence on input voltage. The
function changes the OCL threshold on the IC from the VTH (OCL start) of approximately 0.35 V to the
VTH (OCL) clamp of approximately 0.55 V linearly with time. Since the slope (di/dt) of the drain current
of the main switching device is proportional to the input voltage, when the input voltage increases, the
current reaches the OCL threshold with smaller IDP, and the droop is corrected.
3.4.3 Overload protection (timer latch function)
The overload timer latch function is a protection
function that latches the IC when the F/B pin
voltage stays at the VF/B (latch count) = 4.6 V or
more for more than Tlatch count = 2 seconds.
The power limit for protection is activated if power
exceeds the droop power set as the overcurrent
limit VTH (OCL), and the output voltage begins to
fall. The feedback voltage increases beyond the
control limit, and the VF/B voltage increases to the
VF/B (latch count) = 4.6 V or more. The timer
detects this voltage and begins counting.
When the increase in voltage is detected
continuously for Tlatch count = 2 seconds, the IC
is latched to prevent a persisting overload. The
timer is set for 2 seconds to avoid false detection.
The timer is reset if the F/B pin voltage drops below the VF/B (latch count) = 4.6 V or if the VCC voltage
drops below the VUL as the timer counts. After the IC is latched, the bias assist function of the startup
circuit turns off to reduce heat buildup in the IC.
VOCL level
VGS
大
小
Vin
VTH(OCL start)
VTH(OCL)clamp
TOCL
出力電流 Io
大
小
Vin
出力電流 Io(A)
0
VTH(OCL)垂下電力制限以上に
負荷を取ると、出力電圧が降下し
Tlatch count=2秒(TYP)経過でラッチ停止
ラッチ停止
Small
Large
Output current Io
Small
Large
If the load exceeds the VTH (OCL) droop
power limit, the output voltage falls; after
Tlatch count = 2 s (TYP) has elapsed, the
IC is latched.
Latched
Output current Io (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com