Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 12 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 12 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
12/41
2) Burst mode control
In burst mode, the OCL pin detects the drain current, and every pulse is limited to VTH (stby) = 60 mV
(TYP) to control oscillation.
Output voltage is controlled linearly in normal mode. In burst mode, oscillation begins when the F/B pin
voltage VF/B reaches the VF/B (stby start) = 1.8 V (TYP) and stops when the voltage falls to the VF/B
(stby stop) = 0.8 V (TYP). This control causes voltage ripples and intermittent oscillation, reducing
switching loss per unit time and thereby reducing standby power consumption.
The following thresholds also change from normal mode:
 The thresholds for oscillation stop voltage and the startup circuit on voltage are reduced by 1 V
from normal mode.
VCC (stop normal) = 8 V (TYP)
 VCC (stop stby) = 7 V (TYP)
VCC (startup on normal) = 9 V (TYP)
 VCC (startup on stby) = 8 V (TYP)
These allow easy adjustment of the Vcc setting in standby mode and further reduce power consumption.
3) Switching from burst mode to normal mode
The IC switches automatically to normal mode when the load becomes heavier and the VF/B voltage
rises and exceeds VF/B (stby reset) = 3V (TYP).
The thresholds changed at standby return to previous levels when the IC returns from burst mode to
normal mode. At the same time, soft start activates for approximately 1/70 of the normal startup to
prevent jitter and other problems during mode switching.
Soft start for approx. 1/70 of normal startup
Normal
Burst
Operating
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com