Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 11 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 11 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
11/41
3.2.5 Output voltage control
The MS1003SH and MS1004SH control the output
voltage with the ON range proportional to the voltage at
the F/B pin.
The output voltage is controlled linearly so that the ON
range is at its minimum when the F/B pin voltage is 1.5
V and at its maximum when the voltage is 4.5 V. The
IF/B current flows from the F/B pin. The impedance of
the photocoupler transistor externally connected between
the F/B pin and the GND pin is varied by a control signal
from the secondary output detection circuit, thereby
controlling the ON range of the main switching device to
produce a constant voltage.
The latch count start voltage (VF/B (latch count))
is set up for the F/B pin. When the voltage exceeds
the set level, the timer begins counting. After
maintaining this state for approximately 2 s (latch
count), the IC is latched.
3.3 Burst mode oscillation
3.3.1 AutoStby function
The MS1003SH and MS1004SH switch between normal mode and burst mode automatically. This enables
low standby power consumption with no other components required for standby mode.
1) Switching from normal mode to burst mode
The IC switches from normal mode to burst mode when the load becomes lighter and the OCL pin
detects a drain current at the VOCL (stby) = 45 mV (TYP) or less for longer than Tstby = 250 ms (TYP).
0
ton
(max)
1.5
4.5
フィードバック電圧
VF/B[V]
VF/B(latch count)
Controlling output
voltage with
photocoupler
Output voltage error
detection feedback
signal
F/B pin
Feedback voltage
Normal
Operating
mode
VOCL (stby) =
45 mV or less
Burst
The IC enters standby mode when the
drain current stays at the burst
switching current or below for longer
than Tstby = 250 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com