Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 22 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 22 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
22/41
5.4.1 Variables in formulas
The diagram to the right shows switching waveform models,
including numbers of troughs to skip and tq.
For other symbols, see Section 5.3 and the specification.
5.4.2 Formulas for obtaining trough skip start power
18
ON range
)
(
)
(
)
(
1
1
1
1
1
ip_start)
(bottom_sk
F
O
DC
S
F
O
V
V
Np
V
N
V
V
tq
T
Np
ton
[s]
19
OFF range
ton
T
toff
ip_start)
(bottom_sk
[s]
20
Main SW device peak
current
Lp
ton
V
I
DC
DP
[A]
21
Trough skip start power
ip_start)
(bottom_sk
2
2
2
T
Lp
ton
V
Po
DC
[W]
If the trough skip start power obtained by the formulas above is greater than the trough skip end power
obtained in Section 5.4.3, the hysteresis is insufficient; redesign the transformer.
5.4.3 Formulas for obtaining trough skip end power
The trough skip function ends when either Condition 1 or Condition 2 is met. The trough skip end power
will be the “trough skip end power 1 of the formula 25 of Condition 1” or the “trough skip end power 2 of
the formula 30 or the trough skip end power 3 of the formula 34 of Condition 2,” whichever is smaller.
(Depending on the input voltage you want to calculate, compare either the trough skip end power 2 or 3 of
Condition 2 to trough skip end power 1.)
The chart below shows model curves of trough skip start and end power levels relative to input voltage.
Description
Symbol
Unit
DC input voltage setting
DC
V
[V]
ON range under each condition
ton
[s]
OFF range under each condition
toff
[s]
Main SW device peak current under
each condition
IDP
[A]
Output power under each condition
Po
[W]
Primary current detection resistance
R(ocl)
[Ω]
OCL pin auto burst threshold voltage
Vburst
[V]
OCL pin current detection threshold
voltage
Vth(ocl)
[V]
tq
オフ幅
オン幅
動作周期
谷飛び0回
谷飛び1回
谷飛び1回
谷飛び2回
谷飛び0回
スイッチング波形モデル図
Operating cycle
Switching waveform model
OFF range
ON range
Skipping no trough
Skipping
1 trough
Skipping
1 trough
Skipping no trough
Skipping
2 troughs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com