Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 28 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 28 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 29Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 30Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
28/41
(4) Setting components
1) R105 + R106
The absolute maximum rating of the Z/C pin is ±5 mA. A zener diode is mounted for protection
between the Z/C pin (Pin 1) and the GND pin (Pin 3). This diode determines the absolute maximum
current rating. Set resistance so that the current does not exceed this level.
The diagram to the right shows a model
circuit, which is a basic circuit with an
onboard protection element (zener diode)
added. I(1) and I(2) represent currents
flowing to this onboard protection element.
The current I(1) flows when the Nc coil
output is a positive voltage. I(2) flows
when the Nc coil output is a negative
voltage.
I(1) and I(2) must not exceed the absolute
maximum rating. In ordinary designs, set resistance so that these currents do not exceed 80% of the
absolute maximum rating (± 4 mA).
The following table gives formulas for calculating the resistance R105 + R106:
48
Resistance assuming a
positive voltage for Nc
coil
①
I
H
VCL
N
V
V
Nc
R
R
S
F
O
)
(
)
(
106
105
1
1
1
[Ω]
49
Resistance assuming a
negative voltage for Nc
coil
②
I
L
VCL
Np
V
Nc
R
R
DC
)
(
106
105
(max)
[Ω]
VCL(H) and VCL(L) are the clamping voltages of the onboard protection element, a protective zener
diode. The specification gives these values.
If the basic circuit configuration shown in Section (1) is used, I(1) flows to the D102. In this case,
formula 48 may be disregarded.
2) R106 and C108
These components set up the partial resonance period tq.
Adjust to the partial resonance troughs while monitoring actual waveforms.
Initial design value
C108
100 pF
R106
1 kΩ or greater
Onboard protection
element
I(1)
I(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com