Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 40 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 40 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 38Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 39Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 40Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 41Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
40/41
(8) Checking operating points
When checking the operating points, use the design values corrected in Section 6.2 (7)-3).
Work out the operating points of the example power supply in accordance with Section 5.4.
The following table gives the results of calculations based on an input voltage of DC 120 V:
(1)
Trough skip start power
9.33[W]
(2)
Operating frequency at trough skip start
133.3[kHz]
(3)
Trough skip end power
Trough skip end power 1 from Formula 25 of [Condition 1]
.................................................................................... 16.23[W]
As DC 120 V = VDC < VDC (clamp) = 129.4 V;
Trough skip end power 2 from Formula 30 of [Condition 2]-1)
.................................................................................... 26.77[W]
Trough skip end power 1 < Trough skip end power 2
Trough skip end power 1 is used.
16.23[W]
(4)
Operating frequency at trough skip end
Calculated from Formulas 22 and 23 for trough skip end
power 1.
60.74[kHz]
(5)
Auto burst start power
0.62[W]
(6)
Operating frequency immediately before auto burst start
151.86[kHz]
(7)
Auto burst end power
1.03[W]
(8)
Operating frequency immediately after auto burst end
141.87[kHz]
(9)
Droop point power
Calculated from Formula 30 as DC 120 V = VDC < VDC
(clamp) = 129.4 V.
31.8[W]
(10)
Operating frequency at droop point
54.3[kHz]
The chart below shows a model of the operating frequency characteristics relative to output power
indicating each operating point. Check the operating points (1) to (10).
Output power [W]
(6)
(5)(7)
(1)
(3)
(9)
(8)
(2)
(4)
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com