Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 14 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 14 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
14/41
3) Switching from super standby mode to normal mode
The IC exits super standby mode by clamping the Z/C pin voltage at 3 V or less using an external signal.
3.4 Protection functions
3.4.1 Vcc overvoltage protection latch
The MS1003SH and MS1004SH incorporate an overvoltage protection circuit (OVP).
The IC is latched when the control coil voltage exceeds the VOVP to provide indirect overvoltage
protection for the secondary output. The IC is unlatched by momentarily dropping the VCC pin voltage to
the VUL (unlatch voltage) or below.
Vin
Nc巻線
バックアップ
Vcc
VccUVLO
起動
UVLO
Vcc(start)=12V
Vcc(stop on stby)
or Vcc(stop on normal)
VUL=3.2V
ラッチ
VUL信号
あり
なし
ラッチ停止
ラッチ解除
出力検出オープン等
わざとVCC電圧上昇
なし
あり
ラッチ解除
VOVP=26V
3.4.2 Overcurrent protection
A current detection resistor is connected between the
OCL pin and the GND pin to detect the source current
of the main switching device. The main switching
device current is limited by pulse-by-pulse operation
using a threshold voltage that varies with ON range.
8
3
Vin端子
GND端子
NP
5
4
OCL端子
電流検出
抵抗
Latched
ON
OFF
Nc coil
backup
ON
OFF
Startup
UVLO
Deliberately increasing
Vcc voltage (e.g., output
detection open)
Latch
Unlatched
VUL signal
Unlatched
GND pin
OCL pin
Vin pin
Current
detection
resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com