Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 39 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 39 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 38Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 39Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 40Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 41Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
39/41
1) VDC voltage
This is the same as the input capacitor voltage. Formula 2 gives the maximum value. In this
example, the maximum value is 186.7 V.
2) Flyback voltage
This is the transformer’s flyback voltage:
1
1
1
)
(
S
F
O
N
V
V
Np
The following formula gives the voltage:
8
)
6
.
0
12
(
68
=107.1[V]
3) Surge voltage
This surge voltage attributable to leakage inductance varies from specification to specification and
from transformer to transformer. In this example, it is estimated to be 150 V at maximum. This
parameter must be confirmed using actual equipment.
4) Quasi-resonance trough voltage
The higher this voltage, the greater the switching loss. This is obtained by subtracting (2) from (1)
above. In this example, it is 186.7 V – 107.1 V = 79.6 V.
The maximum voltage of the main switching device is 186.7 V + 107.1 V + 150 V = 443.8 V. For
instance, a MOSFET capable of withstanding 500 V is suitable for use with a margin exceeding 10%
(450 V). If the withstand voltage is too low, reduce on duty ratio D. Increase the on duty ratio D to
make the most of quasi-resonance effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com