Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1003SH Datasheet(PDF) 33 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 33 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 29Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 30Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
33/41
Initial design value
Recommended value
R310
560
220
–1 k
DZ303
18 V
16 V–22 V
* Keep in mind potential losses associated with R310.
This measure will improve the regulation
(represented by the red line) and move it to the
black line on the chart to the right. The voltage
setting of DZ303 is the operating point of DZ303, as
shown to the right.
This circuit incorporating this measure is the most
effective circuit available when using super standby
mode. No losses occur in super standby mode.
(4) Measure  against poorly regulated Vcc voltage
If the measures described in Section (2) and (3) above do not work, use a dropper circuit as shown below
to stabilize Vcc. Use the constants given below as guidelines.
When selecting DZ304, note the withstand voltage between Q306 and EB.
If the withstand voltage between Q306 and EB is 5 V, select 22 V or greater.
If the withstand voltage between Q306 and EB is 7 V, select 20 V or greater.
This measure stabilizes the Vcc pin voltage to the zener
voltage of DZ304 plus VBE of Q306. Unless DZ305 is
added as shown in the diagram above, OVP of the Vcc
pin cannot be used. Set the zener voltage of DZ305 so
that the OVP functions properly.
The chart to the right shows a Vcc regulation model
after implementing the measures above. Activating the
dropper circuit stabilizes the voltage. When DZ305
activates, the voltage becomes the OVP voltage.
Previous Vcc
regulation
OVP voltage
Operating point of
DZ303
Output power
Operating point of
dropper circuit
Previous Vcc
regulation
OVP voltage
Operating point of
DZ305
Output power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com